Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4819G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA4819G-S08-R
Description  350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4819G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA4819G-S08-R Datasheet HTML 1Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 2Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 3Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 4Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 5Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 6Page - Unisonic Technologies PA4819G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA4819
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-241.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
6
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
150
°С
Operating Temperature
TOPR
-40~+85
°С
Storage Temperature
TSTG
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
170
°С/W
Junction to Case
θJC
35
°С/W
ELECTRICAL CHARACTERISTICS (TA=25C, RL=16Ω, unless otherwise specified)
For VDD=3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.0
5
5.5
V
Shutdown voltage Input
High-Level
VSDIH
2.4
V
Shutdown voltage Input Low-Level
VSDIL
0.6
V
DC Differential Output Voltage
VOUT(DIFF) VIN=0V
5
50
mV
Supply Current
Mute Mode
IDD
VIN=0V, IOUT=0A
1.0
3.0
mA
Shutdown Mode
VPIN1=VDD
0.7
5
µA
Output Power
POUT
THD=10%, fIN=1kHz, RL=16Ω,
110
mW
THD=10%, fIN=1kHz, RL=8Ω,
90
Total Harmonic Distortion+Noise
THD+N
POUT=80mWRMS,
fIN=1kHz, G=2V/V
1
%
For VDD=5V
Supply Voltage
VDD
2.0
5
5.5
V
Shutdown voltage Input
High-Level
VSDIH
4
V
Shutdown voltage Input Low-Level
VSDIL
1
V
DC Differential Output Voltage
VOUT(DIFF) VIN=0V
5
50
mV
Supply Current
Mute Mode
IDD
VIN=0V,IOUT=0A
1.5
3.0
mA
Shutdown Mode
VPIN1=VDD
1
5
µA
Output Power
POUT
THD=10%, fIN=1kHz, RL=16Ω,
350
mW
THD=10%, fIN=1kHz, RL=8Ω,
300
Total Harmonic Distortion+Noise
THD+N
POUT=270mWRMS,
fIN=1kHz, G=2V/V
1
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com