Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA6203L-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA6203L-SH2-R
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6203L-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA6203L-SH2-R Datasheet HTML 1Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 2Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 3Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 4Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 5Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PA6203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A16.a
ABSOLUTE MAXIMUM RATING (Over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3~6
V
Input Voltage
INx and SHUTDOWN Pins
VI
-0.3~VDD+0.3
V
Continuous Total Power Dissipation
PD
Internally Limited
Operating Free-air Temperature
TA
-40~85
°C
Junction Temperature
TJ
-40~125
°C
Storage Temperature
TSTG
-65~150
°C
Lead Temperature From Case For 10 Seconds
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
42.3
°C/W
Junction to Case
θJC
12
C/W
RECOMMENDED OPERATING CONDITIONS
PACKAGE
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.5
5.5
V
High-Level Input Voltage
SHUTDOWN
VIH
2
V
Low-Level Input Voltage
SHUTDOWN
VIL
0.8
V
Common-Mode Input Voltage
V=2.5V, 5.5V,
CMRR≤-60dB
VIC
0.5
VDD-0.8
V
Operating Free-Air Temperature
TA
-40
85
°C
Load Impedance
ZL
6.4
8
Ω
ELECTRICAL CHARACTERISTICS (TA=25°C, Gain=1V/V, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage
(Measured Differentially)
|VOO|
VI=0V, VDD=2.5V~5.5V
9
mV
Power Supply Rejection Radio
PSRR VDD=2.5V~5.5V
-90
-70
dB
Common Mode Rejection Ratio
CMRR
VDD=3.6V~5.5V,
VIC=0.5V~VDD-0.8
-70
-65
dB
VDD=2.5V, VIC=0.5V~1.7V
-62
-55
Low-Level Output Voltage
VOL
RL=8Ω, VIN+=VDD,
VIN-=0V or VIN+=0V,
VIN-=VDD
VDD=5.5V
0.30
0.46
V
VDD=3.6V
0.22
VDD=2.5V
0.19
0.26
High-Level Output Voltage
VOH
RL=8Ω, VIN+=VDD,
VIN-=0V or VIN+=0V,
VIN-=VDD
VDD=5.5V
4.8
5.12
V
VDD=3.6V
3.28
VDD=2.5V
2.1
2.24
High-Level Input Current
|IIH|
VDD=5.5V, VI=5.8V
1.2
μA
Low-Level Input Current
|IIL|
VDD=5.5V, VI=-0.3V
1.2
μA
Supply Current
IDD
SHUTDOWN=2V,
VDD=2.5V~5.5V, No Load
1.7
2
mA
Supply Current in Shutdown Mode
IDD(SD)
SHUTDOWN=0.8V,
VDD=2.5V~5.5V, No Load
0.01
0.9
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com