Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2004 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA2004
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004 Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA2004_15 Datasheet HTML 1Page - Unisonic Technologies TDA2004_15 Datasheet HTML 2Page - Unisonic Technologies TDA2004_15 Datasheet HTML 3Page - Unisonic Technologies TDA2004_15 Datasheet HTML 4Page - Unisonic Technologies TDA2004_15 Datasheet HTML 5Page - Unisonic Technologies TDA2004_15 Datasheet HTML 6Page - Unisonic Technologies TDA2004_15 Datasheet HTML 7Page - Unisonic Technologies TDA2004_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R107-034.C
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Voltage Gain (open loop)
GV
f=1kHz
90
dB
Voltage Gain (closed loop)
f=1KHz
48
50
51
dB
Closed Loop Gain Matching
0.5
dB
Total Input Noise Voltage
eN
RG=10KΩ (Note 2)
1.5
5
μV
Supply Voltage Rejection
SVR
fRIPPLE=100Hz, RG=10kΩ
C3=10μF, VRIPPLE=0.5Vrms
35
45
dB
Efficiency
η
VSS=14.4V, f=1kHz
RL=4Ω, PO=6.5W
70
%
RL=2Ω, PO=10W
60
%
VSS=13.2V, f=1kHz
RL=3.2Ω,
PO=6.5W
70
%
RL=1.6Ω,
PO=10W
60
%
Thermal Shut-down Junction
Temperature
TJ
145
°C
Notes: 1. 9.3W without Bootstrap
2. Bandwith Filter: 22Hz ~ 22KHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com