Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD1013PD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MXD1013PD
Description  3-in-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1013PD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MXD1013PD Datasheet HTML 1Page - Maxim Integrated Products MXD1013PD Datasheet HTML 2Page - Maxim Integrated Products MXD1013PD Datasheet HTML 3Page - Maxim Integrated Products MXD1013PD Datasheet HTML 4Page - Maxim Integrated Products MXD1013PD Datasheet HTML 5Page - Maxim Integrated Products MXD1013PD Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3-in-1 Silicon Delay Line
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5.0V ±5%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)(Note 1)
TIMING CHARACTERISTICS
(VCC = +5.0V ±5%, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
Note 2: All voltages referenced to GND.
Note 3: Measured with outputs open.
Note 4: Guaranteed by design.
Note 5: Pulse width and/or period specifications may be exceeded, but accuracy is application sensitive (i.e., layout, decoupling, etc.).
Note 6: VCC = +5V at +25°C. Typical delays are accurate on both rising and falling edges within ±2ns for delays from 10ns to
60ns, within ±3% for delays from 70ns to 100ns, and within ±5% for delays from 150ns to 200ns.
Note 7: The
Part Number and Delay Times table provides typical delays at +25°C with VCC = +5V. The delays may shift with tem-
perature and supply variations. The combination of temperature (from +25°C to 0°C, or +25°C to +70°C) and supply varia-
tion (from 5V to 4.75V, or 5V to 5.25V) could produce an additional typical delay of ±1.5ns or ±3%, whichever is greater.
Note 8: All output delays tend to vary unidirectionally with temperature or supply voltage variations (i.e., if OUT1 slows down, all
other outputs also slow down).
VCC to GND ..............................................................-0.5V to +6V
All Other Pins..............................................-0.5V to (VCC + 0.5V)
Short-Circuit Output Current (1sec) ....................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.1mW/°C above +70°C) .......727mW
14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ...800mW
8-Pin SO (derate 5.9mW/°C above +70°C)....................471mW
16-Pin Narrow SO (derate 8.7mW/°C above +70°C) .....696mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ...............330mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 2)
(Note 2)
(Note 2)
TA = +25°C (Note 4)
0V
≤ VIN ≤ VCC
VCC = 5.25V, period = minimum (Note 3)
VCC = 4.75V, VOH = 4.0V
VCC = 4.75V, VOL = 0.5V
CONDITIONS
V
0.8
VIL
Input Voltage Low
V
2.2
VIH
V
4.75
5.00
5.25
VCC
Supply Voltage
Input Voltage High
pF
5
10
CIN
Input Capacitance
µA
-1
1
IL
Input Leakage Current
mA
20
70
ICC
Active Current
mA
-1
IOH
Output Current High
mA
12
IOL
Output Current Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Notes 6, 7, 8)
(Notes 6, 7, 8)
(Note 5)
(Note 5)
CONDITIONS
ns
See Part Number and
Delay Times table
tPHL
Input-to-Output Delay
(trailing edge)
ns
See Part Number and
Delay Times table
tPLH
ns
100% of tPLH
tWI
Input Pulse Width
Input-to-Output Delay
(leading edge)
ms
100
tPU
Power-Up Time
ns
3(tWI)
Period
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com