Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1F6 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1F6
Description  1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1F6 Datasheet(HTML) 2 Page - Micro Commercial Components

  1F6 Datasheet HTML 1Page - Micro Commercial Components 1F6 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCC
www.mccsemi.com
1F1 thru 1F7
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40
100
TJ = 25
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
50/100 ns/cm
FIG. 6 - TEST CIRCUIT DIAGRAM AND REVERSE
50
NONINDUCTIVE
10
NONINDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Souce Impedance =
50 ohms.
RECOVERY TIME CHARACTERISTIC
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width=300uS
1% Duty Cycle
20
10
3.0
1.0
0.3
0.1
.03
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 50
TJ = 25
10
.01
.02
.04
.06
.1
.2
.4
.6
1.0
2
4
6
0
20
40
60
80
100
120
140
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
8.3ms Single Half Sine-Wave
(JEDED Method)
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
200
100
50
30
20
10
1
5
10
50
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com