Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4124 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2N4124
Description  NPN Silicon General Purpose Transistor 625mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4124 Datasheet(HTML) 3 Page - Micro Commercial Components

  2N4124 Datasheet HTML 1Page - Micro Commercial Components 2N4124 Datasheet HTML 2Page - Micro Commercial Components 2N4124 Datasheet HTML 3Page - Micro Commercial Components 2N4124 Datasheet HTML 4Page - Micro Commercial Components 2N4124 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
f, FREQUENCY (kHz)
4
6
8
10
12
2
0.1
RS, SOURCE RESISTANCE (kΩ)
0
1
2
4
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
14
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1 kHz
IC = 1 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 500
W
IC = 100 mA
SOURCE RESISTANCE = 1 k
Ω
IC = 50 mA
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
0.1
0.2
1.0
2.0
5.0
10
0.5
2
1
0.1
0.2
1.0
2.0
5.0
10
0.5
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
IC, COLLECTOR CURRENT (mA)
200
1.0
100
50
30
20
70
10.0
5.0
7.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
Cibo
Cobo
ts
td
tr
tf
VCC = 3 V
IC/IB = 10
VEB(off) = 0.5 V
Figure 1. Capacitance
Figure 2. Switching Times
Figure 3. Frequency Variations
Figure 4. Source Resistance
Figure 5. Current Gain
Figure 6. Qutput Admittance
2N4123
2N4124
 


 !"#
$%    !"#
MCC
www.mccsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com