Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1208 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1208
Description  Dual N-channel dual gate MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1208_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
9397 750 14254
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 16 March 2005
2 of 22
Philips Semiconductors
BF1208
Dual N-channel dual gate MOSFET
1.4 Quick reference data
[1]
Tsp is the temperature at the soldering point of the source lead.
2.
Pinning information
Table 1:
Quick reference data
Per MOSFET unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
VDS
drain-source voltage (DC)
-
-
6
V
ID
drain current (DC)
-
-
30
mA
Ptot
total power dissipation
Tsp ≤ 109 °C
[1] -
-
180
mW
|yfs|
forward transfer admittance
f = 1 MHz
amplifier A; ID =19mA
26
31
41
mS
amplifier B; ID =13mA
28
33
43
mS
Ciss(G1)
input capacitance at gate1
f = 1 MHz
amplifier A
-
2.2
2.7
pF
amplifier B
-
2.0
2.5
pF
Crss
reverse transfer capacitance f = 1 MHz
-
20
-
fF
NF
noise figure
amplifier A; f = 400 MHz
-
1.3
1.9
dB
amplifier B; f = 800 MHz
-
1.4
2.1
dB
Xmod
cross-modulation
input level for k = 1 % at
40 dB AGC
amplifier A
100
105
-
dB
µV
amplifier B
100
103
-
dB
µV
Tj
junction temperature
-
-
150
°C
Table 2:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
gate1 (AMP A)
2
gate2
3
gate1 (AMP B)
4
drain (AMP B)
5
source
6
drain (AMP A)
12
3
4
5
6
sym089
G1B
G1A
G2
S
DA
DB
AMP B
AMP A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com