Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1008G-P28-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # M1008G-P28-R
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button M1008G-P28-R Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 9Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 10Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-434.a
TYPICAL APPLICATIONS CIRCUIT
CDS Mode
1
CDSCLK1
2
CDSCLK2
3
ADCCLK
4
OE
5
DRVDD
6
DRVSS
7
D7(MSB)
8
D6
9
D5
10
D4
11
D3
12
D2
13
D1
14
D0(LSB)
28
AVDD
27
AVSS
26
VINR
25
OFFSET
24
VING
23
CML
22
VINB
21
REFT
20
REFB
19
AVSS
18
AVDD
17
SLOAD
16
SCLK
15
SDATA
µP
5V/3V
Data outputs
5V
0.1µF
0.1µF
10µF
0.1µF
0.1µF
5V
0.1µF
0.1µF
0.1µF
1µF
0.1µF
0.1µF
0.1µF
Red Input
Green Input
Blue Input
CDSCLK1
CDSCLK2
ADCCLK
SLOAD
SCLK
SDATA
M1008
SHA Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com