Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC548
Description  NPN Silicon Amplifier Transistor 625mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC548 Datasheet(HTML) 1 Page - Micro Commercial Components

  BC548 Datasheet HTML 1Page - Micro Commercial Components BC548 Datasheet HTML 2Page - Micro Commercial Components BC548 Datasheet HTML 3Page - Micro Commercial Components BC548 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l Through Hole Package
l 150
oC Junction Temperature
Mechanical Data
l Case: TO-92, Molded Plastic
l Polarity: indicated as above.
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol Value
Unit
Collector-Emitter Voltage
BC546
BC547
BC548
VCEO
65
45
30
V
Collector-Base Voltage
BC546
BC547
BC548
VCBO
80
50
30
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current(DC)
IC
100
mA
Power Dissipation@TA=25
oC
Pd
625
5.0
mW
mW/oC
Power Dissipation@T
C=25
oC
Pd
1.5
12
W
mW/oC
Thermal Resistance, Junction to
Ambient Air
200
oC/W
Thermal Resistance, Junction to
Case
83.3 oC/W
Operating & Storage Temperature
Tj, TSTG -55~150
oC
BC546,B
BC547,A,B,C
BC548,A,B,C
NPN Silicon
Amplifier Transistor
625mW
Pin Configuration
Bottom View
C B
E
www.mccsemi.com
RqJC
RqJA
TO-92
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.46
4.70
C
.500
---
12.7
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
G
.095
.105
2.42
2.67
A
E
B
C
D
G
DIMENSIONS
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BC548

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548 ONSEMI-BC548 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Semtech Corporation
BC548 SEMTECH-BC548 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC548 SIEMENS-BC548 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548 FAIRCHILD-BC548 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC548 FAIRCHILD-BC548 Datasheet
21Kb / 2P
NPN General Purpose Amplifier
More results

Similar Description - BC548

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
NPN Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
PNP Silicon Amplifier Transistor 625mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com