Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7313L-S28-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # U7313L-S28-R
Description  AUDIO PROCESSOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313L-S28-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button U7313L-S28-R Datasheet HTML 6Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 7Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 8Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 9Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 10Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 11Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 12Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 13Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 14
www.unisonic.com.tw
QW-R502-173.B
FUNCTION CONTROL(Cont.)
Treble control
0
1
1
1
C3
C2
C1
C0
FUNCTION (dB)
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
1
1
1
1
1
1
1
0
1
1
0
1
1
1
0
0
1
0
1
1
1
0
1
0
1
0
0
1
1
0
0
0
-14
-12
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
For example:
Treble control -4dB
the 8 bit string is: 0 1 1 1 0 1 0 1
Speaker attenuators
MSB
LSB
FUNCTION (dB)
1 0 0
1 0 1
1 1 0
1 1 1
B1
B0
B1
B0
B1
B0
B1
B0
A2
A1
A0
A2
A1
A0
A2
A1
A0
A2
A1
A0
SPEAKER LF
SPEAKER RF
SPEAKER LR
SPEAKER RR
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
-1.25
-2.5
-3.75
-5
-6.25
-7.5
-8.75
0
0
0
1
1
0
1
1
0
-10
-20
-30
1
1
1
1
1
Mute
For example: Output
SPEAKER RF
-15dB
The 8 bit string is: 1 0 1 0 1 1 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com