Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7313G-S28-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U7313G-S28-R
Description  AUDIO PROCESSOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313G-S28-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U7313G-S28-R Datasheet HTML 1Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 2Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 3Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 4Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 5Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 6Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 7Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 8Page - Unisonic Technologies U7313G-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 14
www.unisonic.com.tw
QW-R502-173.B
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
PIN DESCRIPTION
1
CREF
Internal reference voltage, typical value is vdd/2, connect a capacitor to gnd to
depress ripple voltage.
2
VDD
Supply voltage.
3
GND
Analog gnd.
4
L
I
Connect a capacitor to gnd, the center frequency and quality of the response
behavior of treble module can be chosen by the capacitor. (Left speaker)
5
R
I
Connect a capacitor to gnd, the center frequency and quality of the response
behavior of treble module can be chosen by the capacitor. (Right speaker)
6
INR
I
Input of volume module.(Right speaker)
7
OUTR
O
Output of gain module.(Right speaker)
8
LOUDR
I
Connect
a
capacitor
to
gnd,
change
the
capacitor
can
adjust
the
amplitude-frequency characteristic of loudness.(Right speaker)
9
R3
I
Channel 3 input.(Right speaker)
10
R2
I
Channel 2 input.(Right speaker)
11
R1
I
Channel 1 input.(Right speaker)
12
LOUDL
I
Connect
a
capacitor
to
gnd,
change
the
capacitor
can
adjust
the
frequency-amplitude characteristic of loudness.(Left speaker)
13
L3
I
Channel 3 input.(Left speaker)
14
L2
I
Channel 2 input.(Left speaker)
15
L1
I
Channel 1 input.(Left speaker)
16
INL
I
Input of volume module.(Left speaker)
17
OUTL
O
Output of gain module.(Left speaker)
18
BINL
I
See the application circuit, change the capacitor and the resistor can adjust the
center frequency and quality of the response behavior of bass module.(Left
speaker)
19
BOUTL
I
See the application circuit, change the capacitor and the resistor can adjust the
center frequency and quality of the response behavior of bass module. (Left
speaker)
20
BINR
I
See the application circuit, change the capacitor and the resistor can adjust the
center frequency and quality of the response behavior of bass module. (Right
speaker)
21
BOUTR
I
See the application circuit, change the capacitor and the resistor can adjust the
center frequency and quality of the response behavior of bass module. (Right
speaker)
22
OUTRR
O
Output of the right rear speaker.
23
OUTLR
O
Output of left rear speaker.
24
OUTRF
O
Output of right front speaker.
25
OUTLF
O
Output of left front speaker.
26
DIG GND
Digital gnd of serial I
2C bus.
27
SDA
I/O
Data signal of serial I
2C bus.
28
SCL
I
Clock signal of serial I
2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com