Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX2C3V9 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZX2C3V9
Description  2 Watt Zener Diode 3.6 to 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX2C3V9 Datasheet(HTML) 1 Page - Micro Commercial Components

  BZX2C3V9 Datasheet HTML 1Page - Micro Commercial Components BZX2C3V9 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX2C3V6
THRU
BZX2C200V
2 Watt
Zener Diode
3.6 to 200 Volts
DO-41 GLASS
Features
•
Wide Voltage Range Available
•
Glass Package
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
2 Watt DC Power Dissipation
•
Maximum Forward Voltage @ 200mA: 1.2 Volts
A
B
C
D
D
Cathode
Mark
Figure 1 - Derating Curve
Power Dissipation (W) - Versus - Temperature
°C
Temperature
°C
0
50
100
150
W
0.5
1.0
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.205
---
5.21
B
---
.107
---
2.72
C
.030
.034
.762
.864
D
1.10
---
27.94
---
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BZX2C3V9

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BZX2C3V9 SEMTECH-BZX2C3V9 Datasheet
223Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Chongqing Pingwei Enter...
BZX2C3V9 CHONGQING-BZX2C3V9 Datasheet
65Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX2C3V9

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
1.5 Watt Zener Diode 11 to 200 Volts
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
5 Watt Zener Diode 11 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
3.0 Watt Zener Diode 3.3to 200 Volts
1N4729AW MCC-1N4729AW Datasheet
332Kb / 4P
1.0 Watt Zener Diode 3.6 to 75 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
5 Watt Zener Diode 5.1 to 200 Volts
LLUDZS36B MCC-LLUDZS36B Datasheet
451Kb / 5P
200 mW Zener Diode 3.6 to 36 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
1.5 Watt Zener Diode 5.1 to 200 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
1.5 Watt Zener Diode 10 to 200 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com