Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL497L-S16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UL497L-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497L-S16-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UL497L-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R118-015.a
TYPICAL APPLICATION CIRCUIT
12
10
11
18
9
2
CP
1µF
CSRC
1µF
CW
0.1µF
CT
0.1µF
R7
62KΩ
IBIAS
7
4
5
6
HALL EFFECT
SENSOR
CS
0.22µF
DZI
24V
R8
820Ω
R1
100Ω
20Ω
R4
R5
100Ω
24V
DZZ
R6
56Ω
4.3KΩ
T1
VS+
CO
RO
5KΩ
R2
R3
350Ω
Q1
R10 200Ω
RC
10KΩ
CC
R9
2KΩ
RS
75mΩ
R11 100Ω
VSENS
GND
BU931R
16
15
14
13
UTC
UL497
3
RPM
2.2nF
H+
Fig 2. APPLICATION CIRCUIT
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com