Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DB101
Description  1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB101 Datasheet(HTML) 1 Page - Micro Commercial Components

  DB101 Datasheet HTML 1Page - Micro Commercial Components DB101 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101
THRU
DB107
1 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
•
Through Hole Package
•
Glass Passivated Diode Construction
•
Moisture Resistant Epoxy Case
•
High Surge Current Capability
Maximum Ratings
•
Operating Junction Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB101
DB101
50V
35V
50V
DB102
DB102
100V
70V
100V
DB103
DB103
200V
140V
200V
DB104
DB104
400V
280V
400V
DB105
DB105
600V
420V
600V
DB106
DB106
800V
560V
800V
DB107
DB107
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 40
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
0.5mA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
DB-1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.335
8.13
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.236
.283
6.01
7.20
E
.120
.130
3.05
3.30
G
.195
.205
5.00
5.20
F
.016
.022
0.41
0.56
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
A
B
C
D
E
F
G
+
-
~
~
Notch
Version: 3
2003/01/30


Similar Part No. - DB101

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
SDB101 MCC-SDB101 Datasheet
103Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Daya Electric Group Co....
DB101 DAYA-DB101 Datasheet
88Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101 MCC-DB101_11 Datasheet
255Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB10114 MCC-DB10114 Datasheet
416Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com