Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5C3257L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US5C3257L-S16-R
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3257L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US5C3257L-S16-R Datasheet HTML 1Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 2Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 3Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 4Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 5Page - Unisonic Technologies US5C3257L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US5C3257
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-891.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage to Ground Potential (Inputs & VCC Only)
-0.5~+7.0
V
Supply Voltage to Ground Potential (Outputs & D/O Only)
-0.5~+7.0
V
DC Input Voltage
-0.5~+7.0
V
DC Output Current
120
mA
Power Dissipation
PD
0.5
W
Storage Temperature
TSTG
-55~+150
°C
Ambient Temperature with Power Applied
TOPR
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
(Typical application at VCC=5 V, TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 1)
MAX
UNIT
Input HIGH Voltage
VIH
Guaranteed Logic HIGH Level
2.0
V
Input LOW Voltage
VIL
Guaranteed Logic LOW Level
-0.5
0.8
V
Input HIGH Current
IIH
VCC=Max., VIN=VCC
±1
µA
Input LOW Current
IIL
VCC=Max., VIN=GND
±1
µA
High Impedance Output Current
IOZH
0≤I, Y≤VCC
±1
µA
Clamp Diode Voltage
VIK
VCC=Min., IIN=-18mA
-0.7
-1.2
V
Short Circuit Current (Note 2)
IOS
I(Y)=0V, Y(I)=VCC
100
mA
Input Hysteresis at Control Pins
VH
150
mV
Switch On Resistance (Note 3)
RON
VCC=Min., VIN=0.0V, ION=48mA
5
7
Ω
VCC=Min., VIN=2.4V, ION=15mA
10
15
Ω
CAPACITANCE (TA=25°C, f=1MHz)
PARAMETER (Note 4)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Capacitance
CIN
VIN=0V
6
pF
In/Yn Capacitance, Switch Off
COFF
VIN=0V
6
pF
In/Yn Capacitance, Switch On
CON
VIN=0V
14
pF
Notes:1. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading.
2. Not more than one output should be shorted at one time. Duration of the test should not exceed one
second.
3. Measured by the voltage drop between I and Y pin at indicated current through the switch. ON resistance is
determined by the lower of the voltages on the two (I, Y) pins.
4. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com