Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL5221 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DL5221
Description  500 mW Zener Diode 2.4 to 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL5221 Datasheet(HTML) 2 Page - Micro Commercial Components

  DL5221 Datasheet HTML 1Page - Micro Commercial Components DL5221 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCC
PART
NUMBER
NOMINAL ZENER
VOLTAGE VZ @ IZT
TEST
CURRENT IZT
MAXIMUM ZENER IMPEDANCE
‘B’ SUFFIX ONLY
ZZT @ IZT
ZZK @IZK = 0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAX. ZENER VOLTAGE
TEMP COEFFICIENT ‘B’
SUFFIX ONLY
VOLTS
mA
OHMS
OHMS
µ
A
VOLTS
% / °C
DL5221
2.4
20
30
1200
100
1.0
-0.085
DL5222
2.5
20
30
1250
100
1.0
-0.085
DL5223
2.7
20
30
1300
75
1.0
-0.080
DL5224
2.8
20
30
1400
75
1.0
-0.080
DL5225
3.0
20
29
1600
50
1.0
-0.075
DL5226
3.3
20
28
1600
25
1.0
-0.070
DL5227
3.6
20
24
1700
15
1.0
-0.065
DL5228
3.9
20
23
1900
10
1.0
-0.060
DL5229
4.3
20
22
2000
5.0
1.0
±
0.055
DL5230
4.7
20
19
1900
5.0
2.0
±
0.030
DL5231
5.1
20
17
1600
5.0
2.0
±
0.030
DL5232
5.6
20
11
1600
5.0
3.0
+0.038
DL5233
6.0
20
7.0
1600
5.0
3.5
+0.038
DL5234
6.2
20
7.0
1000
5.0
4.0
+0.045
DL5235
6.8
20
5.0
750
3.0
5.0
+0.050
DL5236
7.5
20
6.0
500
3.0
6.0
+0.058
DL5237
8.2
20
8.0
500
3.0
6.5
+0.062
DL5238
8.7
20
8.0
600
3.0
6.5
+0.065
DL5239
9.1
20
10
600
3.0
7.0
+0.068
DL5240
10
20
17
600
3.0
8.0
+0.075
DL5241
11
20
22
600
2.0
8.4
+0.076
DL5242
12
20
30
600
1.0
9.1
+0.077
DL5243
13
9.5
13
600
0.5
9.9
+0.079
DL5244
14
9.0
15
600
0.1
10
+0.082
DL5245
15
8.5
16
600
0.1
11
+0.082
DL5246
16
7.8
17
600
0.1
12
+0.083
DL5247
17
7.4
19
600
0.1
13
+0.084
DL5248
18
7.0
21
600
0.1
14
+0.085
DL5249
19
6.6
23
600
0.1
14
+0.086
DL5250
20
6.2
25
600
0.1
15
+0.086
DL5251
22
5.6
29
600
0.1
17
+0.087
DL5252
24
5.2
33
600
0.1
18
+0.088
DL5253
25
5.0
35
600
0.1
19
+0.089
DL5254
27
4.6
41
600
0.1
21
+0.090
DL5255
28
4.5
44
600
0.1
21
+0.091
DL5256
30
4.2
49
600
0.1
23
+0.091
DL5257
33
3.8
58
700
0.1
25
+0.092
DL5258
36
3.4
70
700
0.1
27
+0.093
DL5259
39
3.2
80
800
0.1
30
+0.094
DL5260
43
3.0
93
900
0.1
33
+0.095
DL5261
47
2.7
105
1000
0.1
36
+0.095
DL5262
51
2.5
125
1100
0.1
39
+0.096
DL5263
56
2.2
150
1300
0.1
43
+0.096
DL5264
60
2.1
170
1400
0.1
46
+0.097
DL5265
62
2.0
185
1400
0.1
47
+0.097
DL5266
68
1.8
230
1600
0.1
52
+0.097
DL5267
75
1.7
270
1700
0.1
56
+0.098
DL5268
82
1.5
330
2000
0.1
62
+0.098
DL5269
87
1.4
370
2200
0.1
68
+0.099
DL5270
91
1.4
400
2300
0.1
69
+0.099
DL5271
100
1.3
500
2600
0.1
76
+0.110
DL5272
110
1.1
750
3000
0.1
84
+0.110
DL5273
120
1.0
900
4000
0.1
91
+0.110
DL5274
130
0.95
1100
4500
0.1
99
+0.110
DL5275
140
0.90
1300
4500
0.1
106
+0.110
DL5276
150
0.85
1500
5000
0.1
114
+0.110
DL5277
160
0.80
1700
5500
0.1
122
+0.110
DL5278
170
0.74
1900
5500
0.1
129
+0.110
DL5279
180
0.68
2200
6000
0.1
137
+0.110
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of ±20% with guaranteed limits on only Vz, IR, and VF. Devices with
guaranteed limits on all six parameters are indicated by suffix “A” for ±10%, “B” for ±5%, “C” for ±2%, and “D” for ±1% tolerance
NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds.
NOTE 3: Temperature coefficient (áVZ). Test conditions for temperature coefficient are as follows:
a.
IZT = 7.5mA, TI = 25
oC T2 = 125oC (DL5221 thru DL5242)
b.
IZT = Rated IZT, TI = 25
oC, T2 = 125oC (DL5243 thru DL5281)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
www.mccsemi.com
DL5280
190
0.66
24
00
6
500
0.1
144
+0.110
DL5281
200
0.65
2500
7
000
0.1
152
+0.110
MCC
DL5221 thru DL5281



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com