Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG310 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG310
Description  NPN 14 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG310 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG310_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG310_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 14244
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
2 of 12
Philips Semiconductors
BFG310/XR
NPN 14 GHz wideband transistor
[1]
Tsp is the temperature at the soldering point of the collector pin.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p: made in Hong Kong.
MSG
maximum stable gain
IC = 5 mA; VCE =3V;
f = 1.8 GHz; Tamb =25 °C
-18
-
dB
|s21|2
insertion power gain
IC = 5 mA; VCE =3V;
f = 1.8 GHz; Tamb =25 °C;
ZS =ZL =50 Ω
-14
-
dB
NF
noise figure
Γ
s = Γopt; IC = 1 mA;
VCE =3V; f=2GHz
-1
-dB
Table 1:
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
collector
2
emitter
3
base
4
emitter
21
4
3
sym086
1
2, 4
3
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BFG310/XR
SC-61AA plastic surface mounted package; reverse pinning;
4 leads
SOT143R
Table 4:
Marking codes
Type number
Marking code [1]
BFG310/XR
S1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com