Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG590 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG590
Description  NPN 5 GHz wideband transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG590 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG590_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG590_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Oct 02
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistors
BFG590; BFG590/X
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures excellent reliability.
APPLICATIONS
• MATV/CATV amplifiers and RF communications
subscriber equipment in the GHz range
• Ideally suitable for use in class-A, (A)B and C amplifiers
with either pulsed or continuous drive.
DESCRIPTION
NPN silicon planar epitaxial transistor in a 4-pin
dual-emitter SOT143B plastic package.
MARKING
TYPE NUMBER
CODE
BFG590
N38
BFG590/X
N44
PINNING
PIN
DESCRIPTION
BFG590
BFG590/X
1
collector
collector
2
base
emitter
3
emitter
base
4
emitter
emitter
Fig.1 Simplified outline SOT143B.
handbook, 2 columns
Top view
MSB014
12
3
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
15
V
IC
collector current (DC)
−−
200
mA
Ptot
total power dissipation
Ts ≤ 60 °C
−−
400
mW
hFE
DC current gain
IC = 35 mA; VCE = 8 V
5090280
Cre
feedback capacitance
IC = 0; VCE =8V; f=1MHz
0.7
pF
fT
transition frequency
IC = 80 mA; VCE =4V; f=1GHz
5
GHz
GUM
maximum unilateral power gain
IC = 80 mA; VCE =4V;
f = 900 MHz; Tamb =25 °C
13
dB
|S21|2
insertion power gain
IC = 80 mA; VCE =4V;
f = 900 MHz; Tamb =25 °C
11
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com