Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP92018 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 13Page - Texas Instruments LMP92018 Datasheet HTML 14Page - Texas Instruments LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
ADC INPUT MUX SELECT DATA READ COMMAND
The selection of the analog input, and the read-back of the ADC conversion result are completed by the SPI
transaction shown in the following table. The ADC block is described in ANALOG SENSE SUBSYSTEM.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:19
18:16
15:12
11:2
1:0
23
22:19
18:16
15:12
11:2
1:0
READ
1
1100
ADR
x
x
x
1
1100
ADR
0000
ADATA
00
x
Don't Care
ADC Input Address:
000: IN0
001: IN1
010: IN2
ADR
011: IN3
100: IN4
101: IN5
110: IN6
111: IN7
ADATA
ADC output Data. ADATA is a 10–bit unsigned integer.
TEMPERATURE SENSOR OUTPUT REGISTER
The contents of the internal temperature sensor output register can be tested by the SPI transaction shown in the
following table. The internal temperature sensor is described in DIGITAL TEMPERATURE SENSOR.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:12
11:0
23
22:16
15:12
11:0
READ
1
1110000
x
x
1
1110000
0000
TDATA
x
Don't Care
TDATA
Temperature Sensor Output Data. TDATA is a 12–bit signed integer.
NOOP — No Operation
NOOP offers no functionality of its own. It is provided as the means of completing the pending READ operation
i.e. “pushing out” the data requested in the previous transaction.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23:16
15:0
23:16
15:0
NOOP
00000000
x
00000000
16'b0
x
Don't Care
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com