Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB2X4Y Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUSB2X4Y
Description  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB2X4Y Datasheet(HTML) 2 Page - NXP Semiconductors

  PUSB2X4Y_15 Datasheet HTML 1Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 2Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 3Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 4Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 5Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 6Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 7Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 8Page - NXP Semiconductors PUSB2X4Y_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PUSB2X4Y
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. — 5 November 2013
2 of 11
NXP Semiconductors
PUSB2X4Y
ESD protection for high-speed interfaces
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
5.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
ESD protection for I/O signals
2
ground
3
ESD protection for I/O signals
4
ESD protection for I/O signals
5n.c.
6
ESD protection for I/O signals
13
2
4
5
6
34
2
1
6
018aaa176
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB2X4Y
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 3.
Marking codes
Type number
Marking code[1]
PUSB2X4Y
PK*
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+5.5
V
VESD
electrostatic discharge
voltage
pins 1, 3, 4 and 6 to ground;
IEC 61000-4-2, level 4
contact discharge
12
+12
kV
air discharge
15
+15
kV
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com