Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3FR4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PUSB3FR4
Description  ESD protection for ultra high-speed interfaces
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3FR4 Datasheet(HTML) 5 Page - NXP Semiconductors

  PUSB3FR4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 January 2015
5 of 15
NXP Semiconductors
PUSB3FR4
ESD protection for ultra high-speed interfaces
Data rate: 10 Gbit/s
Vertical scale: 175 mV/div
Horizontal scale: 20 ps/div
Fig 5.
USB 3.1 eye diagram, Printed-Circuit Board (PCB) with PUSB3FR4
Data rate: 10 Gbit/s
Vertical scale: 175 mV/div
Horizontal scale: 20 ps/div
Fig 6.
USB 3.1 eye diagram, PCB without PUSB3FR4 (reference)
aaa-016318
aaa-016319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com