Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT25A Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFT25A
Description  NPN 5 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFT25A Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFT25A_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25A_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
9397 750 13399
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 04 — 6 July 2004
2 of 14
Philips Semiconductors
BFT25A
NPN 5 GHz wideband transistor
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
5.
Limiting values
[1]
Ts is the temperature at the soldering point of the collector tab.
Table 2:
Discrete pinning
Pin
Description
Simplified outline
Symbol
Code: V10
1
base
2
emitter
3
collector
SOT23
12
3
sym021
3
2
1
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BFT25A
-
plastic surface mounted package; 3 leads
SOT23
Table 4:
Marking
Type number
Marking code [1]
BFT25A
34*
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
8
V
VCEO
collector-emitter voltage
open base
-
5
V
VEBO
emitter-base voltage
open collector
-
2
V
IC
DC collector current
-
6.5
mA
Ptot
total power dissipation
up to Ts = 165 °C
[1] -32
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com