Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87331Q3D Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87331Q3D Datasheet(HTML) 4 Page - Texas Instruments

  CSD87331Q3D_15 Datasheet HTML 1Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 2Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 3Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 4Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
1
3
5
7
9
11
13
15
Output Current (A)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
125
150
Junction Temperature (ºC)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
0
5
10
15
20
0
20
40
60
80
100
120
140
Board Temperature (ºC)
CSD87331Q3D
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
www.ti.com
TYPICAL POWER BLOCK DEVICE CHARACTERISTICS
Test Conditions: VIN = 12V, VDD = 5V, fSW = 500kHz, VOUT = 1.3V, LOUT = 1µH, IOUT = 15A, TJ = 125°C, unless stated
otherwise.
Figure 1. Power Loss vs Output Current
Figure 2. Power Loss vs Temperature
Figure 3. Safe Operating Area
– PCB Vertical Mount(1)
Figure 4. Safe Operating Area
– PCB Horizontal Mount(1)
Figure 5. Typical Safe Operating Area(1)
(1)
The Typical Power Block System Characteristic curves are based on measurements made on a PCB design with
dimensions of 4.0
” (W) × 3.5” (L) × 0.062” (H) and 6 copper layers of 1 oz. copper thickness. See Application Section
for detailed explanation.
4
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com