Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87384MT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384MT
Description  CSD87384M Synchronous Buck NexFET??Power Block II
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87384MT Datasheet(HTML) 16 Page - Texas Instruments

Back Button CSD87384MT Datasheet HTML 12Page - Texas Instruments CSD87384MT Datasheet HTML 13Page - Texas Instruments CSD87384MT Datasheet HTML 14Page - Texas Instruments CSD87384MT Datasheet HTML 15Page - Texas Instruments CSD87384MT Datasheet HTML 16Page - Texas Instruments CSD87384MT Datasheet HTML 17Page - Texas Instruments CSD87384MT Datasheet HTML 18Page - Texas Instruments CSD87384MT Datasheet HTML 19Page - Texas Instruments CSD87384MT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
1.750 REF PKG
1.750 REF PKG
PACKAGE
OUTLINE
0.000
0.327
0.947
0.935
1.161
1.163
0.937
0.955
0.517
0.317
0.955
1.356
1.356
Solder Mask
Opening
0.000
0.588
0.888
1.208
1.208
1.208
1.750
0.588
0.888
1.208
1.750 REF PKG
1.750 REF PKG
PACKAGE
OUTLINE
1
2
3
4
5
CSD87384M
SLPS415D – SEPTEMBER 2013 – REVISED MARCH 2015
www.ti.com
9.2 Land Pattern Recommendation
9.3 Stencil Recommendation (100 µm)
Text For Spacing
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com