Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP02-35 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GP02-35
Description  0.2 Amp High Voltage Silicon Rectifier 3500 - 6000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GP02-35 Datasheet(HTML) 2 Page - Micro Commercial Components

  GP02-35 Datasheet HTML 1Page - Micro Commercial Components GP02-35 Datasheet HTML 2Page - Micro Commercial Components GP02-35 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP02-35 THRU GP02-60
MCC
www.mccsemi.com
RATINGS AND CHARACTERISTICS CURVES
FIG. 1 MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD
100
80
60
40
20
0
0
20
40
60
80
100
120
140
TA-AMBIENT TENMPERATURE (℃
℃
℃
℃)
FIG. 4TYPICAL REVERSE CHARCTERISTICS
AT TJ=25℃
℃
℃
℃
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
A=5.5
□mm
A=10
□mm
A=20
□mm
CAPACTIVE
LOADS
FIG. 3 MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD
100
80
60
40
20
0
0
20
40
60
80
100 120
140 160
TA-AMBIENT TENMPERATURE (℃
℃
℃
℃)
L=20mm
L=10mm
L=5mm
10mm
10mm
COPPER AREA
5.5
!mm
PC
BOARD
FIG. 2 MAXIMUM CURRENT RATING
CAPACITIVE LOAD,
10mm LEAD LENGTHS
100
80
60
40
20
0
0
20
40
60
80
100 120
140 160
PK
AV RESISTIVE/INDUCTIVE LOADS
5
10
20
10mm
COPPER AREA
5.5
!mm
PC
BOARD
10mm
10mm
10mm
COPPER AREA
5.5
!mm
PC
BOARD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com