Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMFX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMFX/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMFX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2731XMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 17Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 18Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 19Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 20Page - Texas Instruments LM2731XMFX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
2
3
4
5
6
7
8
VIN (V)
0
200
400
600
800
1000
1200
V
OUT = 5V
V
OUT = 8V
V
OUT = 10V
V
OUT = 12V
VIN (V)
0
200
400
600
800
1000
1200
2
3
4
5
6
7
8
9
10
11
V
OUT = 5V
V
OUT = 8V
V
OUT = 10V
V
OUT = 12V
V
OUT = 18V
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
Figure 31. Maximum Load Current (Typical) vs VIN - Y
Figure 30. Maximum Load Current (Typical) vs VIN - X
Option
Option
8.2.2.12 Design Parameters VSW and ISW
The value of the FET "ON" voltage (referred to as VSW in the equations) is dependent on load current. A good
approximation can be obtained by multiplying the "ON-Resistance" of the FET times the average inductor
current.
FET on resistance increases at VIN values less than 5 V, since the internal N-FET has less gate voltage in this
input voltage range (see Typical Characteristics curves). Above VIN = 5V, the FET gate voltage is internally
clamped to 5V.
The maximum peak switch current the device can deliver is dependent on duty cycle. For higher duty cycles, see
Typical Characteristics.
8.2.2.13 Inductor Suppliers
Recommended suppliers of inductors for this product include, but are not limited to Sumida, Coilcraft, Panasonic,
TDK, and Murata. When selecting an inductor, make certain that the continuous current rating is high enough to
avoid saturation at peak currents. A suitable core type must be used to minimize core (switching) losses, and
wire power losses must be considered when selecting the current rating.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com