Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3FR6 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUSB3FR6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3FR6 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PUSB3FR6_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 9Page - NXP Semiconductors PUSB3FR6_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PUSB3FR6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2015
6 of 12
NXP Semiconductors
PUSB3FR6
ESD protection for ultra high-speed interfaces
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snapback behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 6.
Dynamic resistance with positive clamping;
typical values
Fig 7.
Dynamic resistance with negative clamping;
typical values
tp = 5 ns; Very-Fast TLP (VF-TLP)
tp = 5 ns; Very-Fast TLP (VF-TLP)
Fig 8.
Dynamic resistance with positive clamping;
typical values
Fig 9.
Dynamic resistance with negative clamping;
typical values
VCL (V)
025
20
10
15
5
aaa-016884
10
15
5
20
25
IPP
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-016885
-15
-10
-20
-5
0
IPP
(A)
-25
VCL (V)
025
20
10
15
5
aaa-016886
10
15
5
20
25
IPP
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-016887
-15
-10
-20
-5
0
IPP
(A)
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com