Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2733XMFX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMFX/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMFX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2733XMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM2733
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input Supply Voltage (VIN)
2.7
14.0
V
SHDN Pin Voltage
0
VIN
V
Junction Temperature Range
−40
125
°C
6.4 Thermal Information
LM2733
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
210
RθJC(top)
Junction-to-case (top) thermal resistance
122
RθJB
Junction-to-board thermal resistance
38.4
°C/W
ψJT
Junction-to-top characterization parameter
12.8
ψJB
Junction-to-board characterization parameter
37.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0A, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VIN
Input Voltage
−40°C ≤ TJ ≤ +125°C
2.7
14
V
ISW
Switch Current Limit
See(3)
1.0
1.5
A
RDS(ON)
Switch ON Resistance
ISW = 100 mA
500
650
m
Ω
SHDNTH
Shutdown Threshold
Device ON,
−40°C ≤ TJ ≤ +125°C
1.5
V
Device OFF,
−40°C ≤ TJ ≤
0.50
+125°C
ISHDN
Shutdown Pin Bias Current
VSHDN = 0
0
VSHDN = 5 V
0
µA
VSHDN = 5 V, −40°C ≤ TJ ≤
2
+125°C
VFB
Feedback Pin Reference Voltage
VIN = 3 V
1.230
V
VIN = 3 V, −40°C ≤ TJ ≤ +125°C
1.205
1.255
IFB
Feedback Pin Bias Current
VFB = 1.23 V
60
nA
IQ
Quiescent Current
VSHDN = 5 V, Switching "X"
2.1
VSHDN = 5 V, Switching "X",
3.0
−40°C ≤ TJ ≤ +125°C
mA
VSHDN = 5 V, Switching "Y"
1.1
VSHDN = 5 V, Switching "Y",
2
−40°C ≤ TJ ≤ +125°C
VSHDN = 5 V, Not Switching
400
VSHDN = 5 V, Not Switching,
500
µA
−40°C ≤ TJ ≤ +125°C
VSHDN = 0
0.024
1
Δ VFBΔVIN
FB Voltage Line Regulation
2.7 V
≤ VIN ≤ 14 V
0.02
%/V
(1)
Limits are specified by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
Switch current limit is dependent on duty cycle (see Typical Performance Characteristics). Limits shown are for duty cycles
≤ 50%.
4
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com