Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4202 Datasheet(HTML) 2 Page - Texas Instruments

  PCM4202 Datasheet HTML 1Page - Texas Instruments PCM4202 Datasheet HTML 2Page - Texas Instruments PCM4202 Datasheet HTML 3Page - Texas Instruments PCM4202 Datasheet HTML 4Page - Texas Instruments PCM4202 Datasheet HTML 5Page - Texas Instruments PCM4202 Datasheet HTML 6Page - Texas Instruments PCM4202 Datasheet HTML 7Page - Texas Instruments PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PCM4202-EP
SGLS388
– JUNE 2007
www.ti.com
DESCRIPTION
The PCM4202 is a high-performance, stereo audio analog-to-digital (A/D) converter designed for professional
and broadcast audio applications. The PCM4202 architecture utilizes a 1 bit delta-sigma modulator per channel,
incorporating a novel density modulated dither scheme for improved dynamic performance.
The PCM4202 supports 24 bit linear PCM output data, with sampling frequencies up to 216 kHz. The PCM4202
can also be configured to output either 64
× or 128× oversampled, 1 bit direct stream digital (DSD) data for each
channel. Support for PCM and DSD output formats makes the PCM4202 suitable for a variety of digital audio
recording and processing applications.
The PCM4202 includes a flexible audio serial port interface, which supports standard audio data formats. Audio
data format selection, sampling mode configuration, and high-pass filter functions are all programmed using
dedicated control pins.
The PCM4202 operates from a 5 V analog power supply and a 3.3 V digital power supply. The digital I/O pins
are compatible with 3.3 V logic families. The PCM4202 is available in a small SSOP-28 package.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
TEMPERATURE
LEAD
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
PCM4202
SSOP-28
DB
–40°C to 85°C
PCM4202EP
PCM4202IDBREP
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PCM4202
UNIT
VCC
6.0
V
Supply voltage
VDD
3.6
V
Ground voltage difference
Any AGND to DGND
±0.1
V
Digital input voltage
FMT0, FMT1, S/M, FS0, FS1, FS2, SCKI, RST, HPFD, BCK, LRCK
–0.3 to (VDD + 0.3)
V
Analog input voltage
VINL+, VINL–, VINR+, VINR–
–0.3 to (VCC + 0.3)
V
Input current (any pin except supplies)
±10
mA
Operating temperature range
–40 to 85
°C
Storage temperature range, TSTG
–65 to 150
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
2
Submit Documentation Feedback
Copyright
© 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM4202-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com