Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250V Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7250V
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250V Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7250V Datasheet HTML 17Page - Infineon Technologies AG TLE7250V Datasheet HTML 18Page - Infineon Technologies AG TLE7250V Datasheet HTML 19Page - Infineon Technologies AG TLE7250V Datasheet HTML 20Page - Infineon Technologies AG TLE7250V Datasheet HTML 21Page - Infineon Technologies AG TLE7250V Datasheet HTML 22Page - Infineon Technologies AG TLE7250V Datasheet HTML 23Page - Infineon Technologies AG TLE7250V Datasheet HTML 24Page - Infineon Technologies AG TLE7250V Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLE7250VLE
TLE7250VSJ
Electrical Characteristics
Data Sheet
21
Rev. 1.0, 2015-08-12
Bus Transmitter
CANL/CANH “recessive”
output voltage
normal-operating mode
V
CANL/H
2.0
2.5
3.0
V
V
TxD = VIO,
no load;
P_7.1.35
CANH, CANL “recessive”
output voltage difference
normal-operating mode
V
Diff_NM
-500
–
50
mV
V
TxD = VIO,
no load;
P_7.1.36
CANL “dominant”
output voltage
normal-operating mode
V
CANL
0.5
–
2.25
V
V
TxD = 0 V;
P_7.1.37
CANH “dominant”
output voltage
normal-operating mode
V
CANH
2.75
–
4.5
V
V
TxD = 0 V;
P_7.1.38
CANH, CANL “dominant”
output voltage difference
normal-operating mode
according to ISO 11898-2
V
Diff = VCANH - VCANL
V
Diff
1.5
–
3.0
V
V
TxD =0V,
50 Ω <
R
L <65 Ω,
4.75 <
V
CC < 5.25 V;
P_7.1.39
CANH, CANL “dominant”
output voltage difference
normal-operating mode
V
Diff = VCANH - VCANL
V
Diff_R45
1.4
–
3.0
V
V
TxD =0V,
45 Ω <
R
L <50 Ω,
4.75 <
V
CC < 5.25 V;
P_7.1.40
Driver “dominant” symmetry
normal-operating mode
V
SYM =VCANH + VCANL
V
SYM
4.5
5
5.5
V
V
CC =5.0 V, VTxD = 0 V;
P_7.1.41
CANL short circuit current
I
CANLsc
40
75
100
mA
V
CANLshort =18V,
V
CC =5.0 V, t < tTxD,
V
TxD =0V;
P_7.1.42
CANH short circuit current
I
CANHsc
-100
-75
-40
mA
V
CANHshort =0V,
V
CC =5.0 V, t < tTxD,
V
TxD =0V;
P_7.1.43
Leakage current, CANH
I
CANH,lk
-5
–5µA
V
CC = VIO =0V,
0V<
V
CANH <5V,
V
CANH = VCANL;
P_7.1.44
Leakage current, CANL
I
CANL,lk
-5
–5µA
V
CC = VIO =0V,
0V<
V
CANL <5V,
V
CANH = VCANL;
P_7.1.45
Table 6
Electrical characteristics (cont’d)
4.5 V <
V
CC <5.5 V; 3.0V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground;
positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com