Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR2C
Description  Decoder For Remote Controller With Five Functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR2C_15 Datasheet HTML 1Page - Unisonic Technologies RCR2C_15 Datasheet HTML 2Page - Unisonic Technologies RCR2C_15 Datasheet HTML 3Page - Unisonic Technologies RCR2C_15 Datasheet HTML 4Page - Unisonic Technologies RCR2C_15 Datasheet HTML 5Page - Unisonic Technologies RCR2C_15 Datasheet HTML 6Page - Unisonic Technologies RCR2C_15 Datasheet HTML 7Page - Unisonic Technologies RCR2C_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCR2C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-026.C
MARKING
DIP-16
SSOP-10
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
VO2
Inverter 2 output pin for power amplify
2
GND
Negative power supply
3
SI
Input pin of the encoding signal
4
OSCI
Oscillator input pin
5
OSCO
Oscillator output pin
6
RIGHT
Rightward output pin
7
LEFT
Leftward output pin
8
LX
DC-DC converter output pin
9
MOD
Output-signal-fomat selection input pin. High=Open. When Mod is open, the output
Signal is same format as UTC RCR2C. When it is pulled low, there is the other
Format.
10
BACKWARD
Backward output pin
11
FORWARD
Forward output pin
12
TURBO
Turbo output pin
13
VDD
Positive power supply
14
VI1
Inverter 1 input pin for power amplify
15
VO1
Inverter 1 output pin for power amplify
16
VI2
Inverter 2 input pin for power amplify



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com