Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAC3092AL-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UAC3092AL-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092AL-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UAC3092AL-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UAC3092A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R121-005,B
ELECTRICAL CHARACTERISTIC(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SWITCHING CHARACTERISTICS
Fundamental Regulation Output
Frequency. (Pin 17)
f
Clock oscillator frequency divided by
4096
68
Hz
Suggested Clock Oscillator
Frequency Range, (Pin 9)
fosc
Determined by external resistor, RT
205
280
350
kHz
Duty Cycle (Pin 17)
At Start-up
During Overvoltage Condition
StartDC
OVDC
27
3.5
29
4.7
31
5.5
%
%
Low/High RPM Transition
Frequency (Pin 10)
LRCFreq
247
273
309
Hz
LRC Duty Cycle Increase Rate
LRCS
LRCF
LRCH
Low RPM Mode(LRCFreq<247Hz) Pin
11 =Open (Slow Rate)
Low RPM Mode(LRCFreq<247Hz)
Pin 11 =Grounded (Fast Rate)
High R PMMode(LRCFreq>309Hz)
Pin 11 = Don’t Care (LRC Mode is
disabled)
8.5
34
409
9.5
38
455
10.5
42
501
%/sec
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com