Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150CT Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MBR10150CT
Description  10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR10150CT Datasheet(HTML) 3 Page - Micro Commercial Components

  MBR10150CT Datasheet HTML 1Page - Micro Commercial Components MBR10150CT Datasheet HTML 2Page - Micro Commercial Components MBR10150CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.mccsemi.com
MBR10150CT
0.0 0.2
0.4 0.6
0.8 1.0
1.2
1.4 1.6
1.8 2.0
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=125°C
Tj=25°C
Tj=125°C
Typical values
Fig. 7: Forward voltage drop versus forward
current (maximum values, per diode).
0
2
4
6
8
101214
161820
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit
board,
copper
thickness:
35µm)
(STPS10150CG only).
MCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com