Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104FRAANZ Datasheet(HTML) 3 Page - Intersil Corporation

  HIP2104FRAANZ Datasheet HTML 1Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 2Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 3Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 4Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 5Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 6Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 7Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 8Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HIP2103, HIP2104
3
FN8276.0
November 27, 2013
Submit Document Feedback
Pin Configurations
HIP2103
(8 LD 3x3 TDFN)
TOP VIEW
HIP2104
(12 LD 4x4 DFN)
TOP VIEW
EPAD
(VSS)
1
2
3
4
8
7
6
5
VDD
HI
LI
VSS
HB
HO
HS
LO
EPAD
(VSS)
1
2
3
4
12
11
10
9
8
VDen
VCen
VCC
VDD
HI
VBAT
HB
HO
HS
LO
6
5
LI
7
VSS
Pin Descriptions
HIP2103
HIP2104
SYMBOL
DESCRIPTION
8 LD
TDFN
12 LD
DFN
-
1
VDen
(HIP2104 only) VDD enable input, 3.3V or 5V logic compatible, VBAT tolerant. VDD output is turned on after
1ms debouncing period.
-
2
VCen
(HIP2104 only) VCC enable input, 3.3V or 5V logic compatible. VBAT tolerant. VCC output is turned on after
1ms debouncing period.
-
3
VCC
(HIP2104 only) 3.3V output voltage of linear regulator, 75mA. Enabled by VCen.
1
4
VDD
(HIP2103) Input voltage 14V max.
(HIP2104) 0utput voltage of linear regulator, 12V nominal, 75mA. Enabled by VDen.
25
HI
High side input, 3.3V or 5V logic compatible. (HI -> HO).
36
LI
Low side Input, 3.3V or 5V logic compatible. (LI -> LO).
47
VSS
Signal ground.
58
LO
Low side driver Output. (LI ->LO).
69
HS
High side FET Source connection (low side boot capacitor connection).
710
HO
High side driver Output. (HI -> HO)
811
HB
High side Boot capacitor.
-
12
VBAT
(HIP2104 only) Positive battery (bridge voltage) connection.
EP
EP
EPAD
Exposed Pad, must be connected to signal ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com