Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086APZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation HIP4086APZ Datasheet HTML 13Page - Intersil Corporation HIP4086APZ Datasheet HTML 14Page - Intersil Corporation HIP4086APZ Datasheet HTML 15Page - Intersil Corporation HIP4086APZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HIP4086, HIP4086A
12
FN4220.10
March 27, 2015
Submit Document Feedback
Typical Application Circuit
Figure 22 is an example of how the HIP4086 and HIP4086A
3-phase drivers can be applied to drive a 3-phase motor.
Depending on the application, the switching speed of the bridge
FETs can be reduced by adding series connected resistors
between the xHO outputs and the FET gates. Gate-Source
resistors are recommended on the low-side FETs to prevent
unexpected turn-on of the bridge should the bridge voltage be
applied before VDD. Gate-to-source resistors on the high-side
FETs are not usually required if low-side gate-to-source resistors
are used. If relatively small gate-to-source resistors are used on
the high-side FETs, be aware that they will load the charge pump
of the HIP4086 negating the ability of the charge pump to keep
the high-side driver biased during very long periods.
An important operating condition that is frequently overlooked by
designers is the negative transient on the xHS pins that occurs
when the high-side bridge FET turns off. The Absolute Maximum
transient allowed on the xHS pin is -6V but it is wise to minimize
the amplitude to lower levels. This transient is the result of the
parasitic inductance of the low-side drain-to-source conductor on
the PCB. Even the parasitic inductance of the low-side FET
contributes to this transient.
When the high-side bridge FET turns off, because of the inductive
characteristics of a motor load, the current that was flowing in
the high-side FET (blue) must rapidly commutate to flow through
the low-side FET (red). The amplitude of the negative transient
impressed on the xHS node is (di/dt x L) where L is the total
parasitic inductance of the low-side FET drain-source path and
di/ddt is the rate at which the high-side FET is turned off. With
the increasing power levels of new generation motor drives,
clamping this transient becomes more and more significant for
the proper operation of the HIP4086/A.
There are several ways of reducing the amplitude of this
transient. If the bridge FETs are turned off more slowly to reduce
di/dt, the amplitude will be reduced but at the expense of more
switching losses in the FETs. Careful PCB design will also reduce
the value of the parasitic inductance. However, these two
solutions by themselves may not be sufficient. Figure 23
illustrates a simple method for clamping the negative transient.
Two series connected, fast PN junction, 1A diodes are connected
between xHS and VSS as shown. It is important that the
components be placed as close as possible to the xHS and VSS
pins to minimize the parasitic inductance of this current path.
Two series connected diodes are required because they are in
parallel with the body diode of the low-side FET. If only one diode
is used for the clamp, it will conduct some of the negative load
current that is flowing in the low-side FET. In severe cases, a
small value resistor in series with the xHS pin as shown, will
further reduce the amplitude of the negative transient.
Please note that a similar transient with a positive polarity occurs
when the low-side FET turns off. This is less frequently a problem
because xHS node is floating up toward the bridge bias voltage.
The Absolute Max voltage rating for the xHS node does need to
be observed when the positive transient occurs.
Controller
AHO
CLO
BLO
ALO
CHO
BHO
CLI
BLI
ALI
CHI
BHI
AHI
CHS
AHS
BHS
CHB
AHB
BHB
VDD
RDEL
VDD
Speed
Brake
Battery
24V...48V
VSS
FIGURE 22. TYPICAL APPLICATION CIRCUIT
FIGURE 23. BRIDGE WITH PARASITIC INDUCTANCES
VSS
xH S
xL O
xH O
IN D UCT IV E
LO A D
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com