Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086AB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4086AB
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4086AB Datasheet HTML 1Page - Intersil Corporation HIP4086AB Datasheet HTML 2Page - Intersil Corporation HIP4086AB Datasheet HTML 3Page - Intersil Corporation HIP4086AB Datasheet HTML 4Page - Intersil Corporation HIP4086AB Datasheet HTML 5Page - Intersil Corporation HIP4086AB Datasheet HTML 6Page - Intersil Corporation HIP4086AB Datasheet HTML 7Page - Intersil Corporation HIP4086AB Datasheet HTML 8Page - Intersil Corporation HIP4086AB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HIP4086, HIP4086A
2
FN4220.10
March 27, 2015
Submit Document Feedback
Block Diagram (forclarity,onlyonephaseisshown)
RDEL 7
xLI 4
RFSH 9
UVLO
8
VDD 20
DIS 10
xHI 5
2µs Delay
REFRESH
PULSE
UNDERVOLTAGE
DETECTOR
10ns
DELAY
ADJUSTABLE
TURN-ON
DELAY
LEVEL
SHIFTER
CHARGE
PUMP*
xHO
17
xHB
16
xHS
18
xLO
21
VSS
6
VDD
100mV
VDD
*The charge pump is
permanently disabled
in the HIP4086A.
COMMON WITH
ALL PHASES
COMMON
WITH ALL
PHASES
COMMON WITH
ALL PHASES
COMMON WITH
ALL PHASES
EN
If the voltage on RDEL is less than 100mV, the
turn-on delay timers are disabled and the high and
low-side drivers can be turned on simultaneously.
If undervoltage is active or if
DIS is asserted, the high and
low-side drivers are turned off.
ADJUSTABLE
TURN-ON
DELAY
DELAY DISABLE
DRIVE ENABLE
Truth Table
INPUT
OUTPUT
ALI, BLI, CLI
AHI, BHI, CHI
UV
DIS
RDEL
ALO, BLO, CLO
AHO, BHO, CHO
XXX
1
X
0
0
XX
1
X
X
0
0
1
X
0
0
>100mV
1
0
00
00
X01
01
00
X00
1
0
0
0
<100mV
1
1
NOTE: X signifies that input can be either a “1” or “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com