Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6441EVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6441EVAL1Z
Description  High Voltage ORing MOSFET Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6441EVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6441EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL6441EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
FN9131.7
October 6, 2011
High Voltage Pass and Clamp
A high voltage pass and clamping circuit prevents the high
output voltage from damaging the comparators in case of
quick drop in VIN. The comparators are running from the 5V
supply between HVREF and VIN. These devices are rated
for 5V and will be damaged if VOUT is allowed to be present
(as the output is powered from other parallel supplies), and
does not fall when VIN is falling. For example, if VIN falls to
30V, VOUT remains at 48V and the differential Voltage
between the “-” and “+” terminals of the comparator would be
18V, exceeding the rating of the devices and causing
permanent damage to the IC.
Fault Detection Block
The fault detection block has two monitoring circuits (refer to
Figure 2):
1. Gate monitoring detects when the GATE < VIN + 0.37V
2. VOUT monitoring detects when VIN - 0.41V > VOUT
These two outputs are ORed, inverted, level shifted, and
delayed using an internal filter (tFLT)
The following failures can be detected by the fault detection
circuitry:
1. ORing FET off due to dead short in the sourcing supply,
leading to VIN < VOUT
2. Shorted terminals of the ORing FET
3. Blown fuse in the power path of the sourcing supply
4. Open Gate terminal
5. HVREF UV
The FAULT pin is not latched off and the pull down will shut
off as soon as the fault is removed and the pin becomes high
impedance. Typically, an external pull-up resistor is
connected to an external voltage source (for example 5V,
3.3V) to pull the pin high, an LED can be used to indicate the
presence of a fault.
Application Considerations
ORing MOSFET Selection
Using an ORing MOSFET instead of an ORing diode results
in increased overall power system efficiency as losses
across the ORing elements are reduced. The use of ORing
MOSFETs becomes more important at higher current levels,
as power loss across the traditionally used ORing diode is
very high. The high power dissipation across these diodes
requires special thermal design precautions such as heat
sinks and forced airflow.
For example, in a 48V, 40A (1+1) redundant system with
current sharing, using a Schottky diode as the ORing
(auctioneering) device (see Figure 3), the forward voltage
drop is in the 0.4V to 0.7V range. Let us assume it is 0.5V,
power loss across each diode is as shown in Equation 4:
Total power loss across the two ORing diodes is 20W.
If a 5m
Ω single MOSFET per feed is used, the power loss
across each MOSFET is as shown in Equation 5:
Total power loss across the two ORing MOSFETs is 4W.
In case of failure of current sharing scheme, or failure of
DC/DC #1, the full load will be supplied by DC/DC #2. ORing
MOSFET M2 or ORing Diode D2 will be conducting the full
FIGURE 2. FAULT DETECTION BLOCK
0.41V
0.37V
LEVEL SHIFT
DELAY
120µs
FAULT
GATE
VIN
VOUT
+
-
+
-
Ploss D1
()
Ploss D2
()
IOUT
2
---------------
VF
20A 0.5V
10W
==
=
=
(EQ. 4)
FIGURE 3. 1 + 1 REDUNDANT SYSTEM WITH DIODE ORing
+IN
-IN
PR
PC
+OUT
+S
SC
-S
-OUT
DC/DC
#1
(Note 11)
Figure 14
Rpb1
CIN1
100µF
Cd1
220nF
Ccs1
1nF
DC/DC
#2
Rpb2
Ccs2
1nF
36VDC TO 75 VDC
INPUT BUS 2
INPUT BUS 1
PRIMARY GROUND
+OUT1 = 48V
10
10
36VDC TO 75 VDC
VOUT
(40A)
0.5V@ 20A
0.5V@ 20A
D1
D2
SECONDARY
+OUT2 = 48V
(Note 11)
CIN2
100µF
Cd2
220nF
GROUND
+IN
-IN
PR
PC
+OUT
+S
SC
-S
-OUT
Figure 14
Ploss M1
()
Ploss M2
()
IOUT
2
---------------
⎝⎠
⎛⎞
2
rDS ON
()
==
Ploss M1
()
20A
()
2 5mΩ
2W
==
(EQ. 5)
ISL6144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com