Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1545
Description  15 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1545 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1545 Datasheet HTML 1Page - Micro Commercial Components MBR1545 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR1520
THRU
MBR15100
15 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1520
MBR1520
20V
14V
20V
MBR1530
MBR1530
30V
21V
30V
MBR1535
MBR1535
35V
24.5V
35V
MBR1540
MBR1540
40V
28V
40V
MBR1545
MBR1545
45V
31.5
45V
MBR1560
MBR1560
60V
42V
60V
MBR15100 MBR15100
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
.63V
IFM = 16A mper
IFM = 15 Amper
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
*Pulse test: Pulse width 300
µsec, Duty cycle 1%


INCHES
MM






A
.595
.620
15.11
15.75
B
.380
.405
9.65
10.29
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
U
------
.050
-----
1.27
C
.160
.190
4.06
4.82
D
.025
.035
0.64
0.89
F
.142
.147
3.61
3.73
G
.190
.210
4.83
5.33
H
.110
.130
2.79
3.30
J
.018
.025
0.46
0.64
K
.500
.562
12.70
14.27
L
.045
.060
1.14
1.52
Q
.100
.120
2.54
3.04
R
.080
.110
2.04
2.79
S
.045
.055
1.14
1.39
www.mccsemi.com
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
TO-220AC
20 to 100 Volts
T
.235
.255
5.97
6.48
MBR1580
MBR1580
80V
56V
80V
MBR1520-1545
MBR1560
.75V
0.2 mA
TJ = 25
°C
MBR1580-1500
.84V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR1545

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1545 FAIRCHILD-MBR1545 Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Gunter Seniconductor Gm...
MBR1545 GSG-MBR1545 Datasheet
75Kb / 1P
Chips for Schottky Diodes
logo
Shanghai Lunsure Electr...
MBR1545 CHENYI-MBR1545 Datasheet
74Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR1545 MCC-MBR1545 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1545 KERSEMI-MBR1545 Datasheet
831Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT_08 Datasheet
115Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_11 Datasheet
479Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1520 MCC-SB1520 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520_13 Datasheet
186Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT_13 Datasheet
215Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com