Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR24045 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR24045
Description  240 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR24045 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR24045 Datasheet HTML 1Page - Micro Commercial Components MBR24045 Datasheet HTML 2Page - Micro Commercial Components MBR24045 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR24020
THRU
MBR240100
240 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR24020
20V
14V
20V
MBR24030
30V
21V
30V
MBR24035
35V
24.5V
35V
MBR24040
40V
28V
40V
MBR24045
45V
31.5V
45V
MBR24060
60V
42V
60V
MBR24080
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
240 A
TL =
140°C
Peak Forward Surge
Current
IFSM
3300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 240.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
8 mA
TA = 25
°C
Typical Junction
Capacitance
CJ
300pF
Measured at
1.0MHz, VR=4.0V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.725
.775
18.42
19.69
A
1.520
1.560
38.86
39.62
C
.605
.625
15.37
15.88
E
.745
.755
18.92
18.18
F
.152
.160
3.86
4.06
G
1/4
- 20
UNC
- 2B
H
.570
.580
14.49
14.73
J
.15
.160
3.96
4.06
K
.495
.505
12.57
12.83
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MBR24020-24045
MBR24060
MBR24080-240100
.63 V
.84 V
.75 V
MBR240100
100V
70V
100V
HALF PACK
L
.120
.130
3.05
3.30
D
J
G
B
F
K
E
H
L
C
A
∅
∅
D
1.182
1.192
30.02
30.28
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR24045

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR24045 TEL-MBR24045 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 240A
logo
Microsemi Corporation
MBR24045 MICROSEMI-MBR24045 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
MBR24045R TEL-MBR24045R Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 240A
More results

Similar Description - MBR24045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com