Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8052 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8052
Description  12V, 30mA Flash Memory Programming Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8052 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8052 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8052 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.belling.com.cn
3
BL8052
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
C1-
Negative terminal for the first chargepump capacitor
2
C1+
Positive terminal for the first chargepump capacitor
3
C2-
Negative terminal for the second charge-pump capacitor
4
C2+
Positive terminal for the second charge-pump capacitor
5
Vcc
Supply Voltage
6
Vout
+12V Output Voltage. VOUT = VCC when in shutdown mode.
7
GND
Ground
8
SHDN
Active-high CMOS-logic level Shutdown Input. SHDN is internally pulled up to VCC.
Connect to GND for normal peration. In shutdown mode, the charge pumps are turned
off and VOUT = VCC.
BLOCK DIAGRAM
C3 must be placed as close to the device aspossible and could be
omitted if very low outputnoise performance are not required.
Figure1 Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com