Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4080W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR4080W
Description  40 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR4080W Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR4080W Datasheet HTML 1Page - Micro Commercial Components MBR4080W Datasheet HTML 2Page - Micro Commercial Components MBR4080W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-247
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MIN
NOTE
A
.803
.823
20.40
20.90
B
.608
.628
15.44
15.95
C
.185
.205
4.70
5.21
D
.043
.051
1.09
1.30
E
.059
.064
1.50
1.63
F
.071
.086
1.80
2.18
G
.215
BSC
5.45
BSC
H
.101
.130
2.56
2.87
J
.019
.027
0.48
0.68
K
.613
.633
15.57
16.08
L
.286
.295
7.26
7.50
P
.122
.133
3.10
3.38
Q
.138
.145
3.50
3.70
R
.130
.150
3.30
3.80
U
.209
BSC
5.30
BSC
V
.120
.134
3.05
3.40
Features
l
High Surge Capacity
l
Low Power Loss, High Efficiency
l
High Current Capability, Low VF
l
Metal of silicon Rectifier, majority Carrier Conduction
l
Guard Ring For Transient Protection
l
Plastic Package Has UL Flammability Classification 94V-0
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
MBR4020W
20V
14V
20V
MBR4030W
30V
21V
30V
MBR4035W
35V
24.5V
35V
MBR4040W
40V
28V
40V
MBR4045W
45V
31.5V
45V
MBR4060W
60V
42V
60V
MBR4080W
80V
56V
80V
MBR40100W
100V
70V
100V
MCC Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
*Forward Voltage Test : IFM=20.0A
Pulse test: Pulse width 300 usec, duty cycle 2%.
www.mccsemi.com
MBR4020W
THRU
MBR40100W
40 Amp Schottky
Barrier Rectifier
20 to 100 Volts
Note: Drawings Are Not To Scale
PIN 1.
ANODE
PIN 2.
CATHODE
PIN 3.
ANODE
PIN 4.
CATHODE
A
K
B
E
C
R
4
J
H
P
U
L
1
2
3
Q
G
V
D
F
Average Forward Current
IF(AV)
40.0A
TC=125
oC
Peak Forward Surge
Current
IFSM
400A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR4020W-4045W
MBR4060W
MBR4080W-40100W
.84V
VF
.63V
.80V*
IFM =40.0A
T A=25
oC
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
T C=25
oC
Typical Junction
Capacitance
Cj
700pF
Measured at
1.0MHz,
V R=4.0V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR4080W

ManufacturerPart #DatasheetDescription
logo
Sensitron
MBR4080 SENSITRON-MBR4080 Datasheet
87Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBR4080 SMC-MBR4080 Datasheet
198Kb / 6P
Low forward voltage drop
logo
Sensitron
MBR4080CT SENSITRON-MBR4080CT Datasheet
87Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBR4080CT SMC-MBR4080CT Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER
logo
Microdiode Semiconducto...
MBR4080CT CHENDA-MBR4080CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR4080W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com