Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8506D Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8506D
Description  High-precision Low Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8506D Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8506D Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
http://www.belling.com.cn
- 1-
3/22/2013
Total 16 Pages
High-precision Low Voltage Detector
BL8506D
Selection Guide:
8506D-XX X XX
Outline:
BL8506D is a series of high precision
voltage detector with ultra low current
consumption (250nA typ. at VDD=VTH+1V ). It
can work at very low voltage, which makes it
perfect for system reset.
BL8506D is composed of high precision
voltage reference, comparator, output driver and
resistor array. Internally preset detect voltage
has a low temperature drift and requires no
external trimming.
Two type of output, CMOS and N-channel
open-drain are available.
BL8506D is available in SOT-89-3,SOT-23-
3 TO92, SOT23-5 packages which is Pb free.
Features:
High-precision detection Voltage:
0.8V~1.9V:
±0.8%
2.0V~6.0V:
±0.5%
Detection Voltage:0.8V~6.0V (in 0.1V steps)
Precise hysteresis
Operating Voltage range:0.7V~10V
Ultra-low current consumption:250nA typ. (at
VDD=VTH+1V )
Two Output forms :CMOS and N-channel
open-drain
Application:
Power monitor for portable equipment such as
PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Pin Assignment:
Package Type:
RM: SOT-23-3
RN: SOT-23-5
SM: SOT-89-3
T:
TO-92
(Default、Pb Free)
Output Type:
N:Nch Open-drain
C:CMOS
Detector Voltage:
09……0.9V
30……3.0V
……
50……5.0V
60……6.0V


Similar Part No. - BL8506D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
logo
List of Unclassifed Man...
BL8506-09CRM ETC1-BL8506-09CRM Datasheet
271Kb / 16P
High-precision Low Voltage Detector
BL8506-09CRN ETC1-BL8506-09CRN Datasheet
271Kb / 16P
High-precision Low Voltage Detector
BL8506-09CSM ETC1-BL8506-09CSM Datasheet
271Kb / 16P
High-precision Low Voltage Detector
More results

Similar Description - BL8506D

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
Voltage Detector, High-Precision
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
High-precision Low Voltage Detector
VER 1.6
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
High-precision Low Voltage Detector
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com