Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1060 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRF1060
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRF1060 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRF1060 Datasheet HTML 1Page - Micro Commercial Components MBRF1060 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1020
THRU
MBRF10100
10 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Low Power Loss
•
High Efficiency
•
Low Forward Voltage , High Current Capability
•
High surge capacity
•
Case : ITO-220AC Full Molded Plastic Package
Maximum Ratings
•
Operating Junction Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRF1020
20V
14V
20V
MBRF1030
30V
21V
30V
MBRF1040
40V
26V
40V
MBRF1050
50V
35V
50V
MBRF1060
60V
42V
60V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1020-1040
1050-1060
VF
.55V
.75V
IFM = 10A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
www
.
mccsemi.com
TJ = 25
°C
MBRF1080
80V
56V
80V
MBRF1090
90V
63V
90V
IR
1080-10100
.85V
0.5mA
TC = 25
°C
50mA
TC = 100
°C

INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.583
.606
14.80
15.40
B
---
.406
---
10.30

A
B
C
J
I
H
F
E
D
M
L
K
G
PIN 1
PIN
12
ITO-220AC
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
.512
.543
13.00
13.80
G
.200
5.10
H
---
.035
---
0.90
I
---
.032
---
0.80
J
.118
.134
3.00
3.40
K
---
.189
---
4.80
L
---
.123
---
3.10
M
.098
.114
2.50
2.90
PIN 2
MBRF10100
100V
80V
100V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBRF1060

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1060 GE-MBRF1060 Datasheet
105Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
MBRF1060 GOOD-ARK-MBRF1060 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1060 TSC-MBRF1060 Datasheet
83Kb / 2P
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1060 TSC-MBRF1060 Datasheet
140Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF1060 BILIN-MBRF1060 Datasheet
224Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1060

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020_17 Datasheet
434Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F_13 Datasheet
195Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com