Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # NE555G-S08-R
Description  SINGLE TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  NE555G-S08-R Datasheet HTML 1Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 2Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 3Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 4Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 5Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 6Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 7Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R106-001,F
TYPICAL CHARACTERISTICS
TA=125℃
TA=25℃
TA=-55℃
VCC=10V
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
2
14
7 10
20
40
70 100
Low-Level Output Current,IOL (mA)
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
12
4
7 10
20
40
70 100
TA=125℃
TA=-55℃
TA=25℃
VCC=5V
100
70
40
20
10
7
4
2
1
0.01
0.02
0.04
0.07
0.2
0.1
0.4
0.7
1
2
4
7
10
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
VCC=15V
TA=-55℃
TA=125℃
TA=25℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com