Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7SH32L-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U7SH32L-AL5-R
Description  2-INPUT OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH32L-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U7SH32L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U7SH32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-070.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Power Dissipation
PD
200
mW
Storage Temperature
TSTG
-65 ~ +150
℃
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
dt/dv
VCC=3.3+0.3V
100
ns/V
VCC=5.0+0.5V
20
Operating Temperature
TA
-40
85
℃
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25℃
-40~85℃
UNIT
MIN
TYP
MAX
MIN
MAX
High-Level Input Voltage
VIH
VCC=2.0V
1.5
1.5
V
VCC=3.0V
2.1
2.1
VCC=5.5V
3.85
3.85
Low-Level Input Voltage
VIL
VCC=2.0V
0.5
0.5
V
VCC=3.0V
0.9
0.9
VCC=5.5V
1.65
1.65
High-Level Output
Voltage
VOH
VCC=2.0V, IOH=-50μA
1.9
2.0
1.9
V
VCC=3.0V, IOH=-50μA
2.9
3.0
2.9
VCC=4.5V, IOH=-50μA
4.4
4.5
4.4
VCC=3.0V, IOH=-4mA
2.58
2.48
VCC=4.5V, IOH=-8mA
3.94
3.8
Low-Level Output
Voltage
VOL
VCC=2.0V, IOL=50μA
0.1
0.1
V
VCC=3.0V, IOL=50μA
0.1
0.1
VCC=4.5V, IOL=50μA
0.1
0.1
VCC=3.0V, IOL=4mA
0.36
0.44
VCC=4.5V, IOL=8mA
0.36
0.44
Input Leakage Current
II(LEAK)
VCC=0~5.5V, VIN=VCC or GND
±0.1
±1
μA
Quiescent Supply
Current
ICC
VCC=5.5V, VIN=VCC or GND,
IOUT=0
2
20
μA
Input Capacitance
CIN
VCC=5V, VIN=VCC or GND
4
10
10
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com