Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD4448
Description  Surface Mount Schottky Barrier Switching Diode 350mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD4448 Datasheet HTML 1Page - Micro Commercial Components MMBD4448 Datasheet HTML 2Page - Micro Commercial Components MMBD4448 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Fast Switching Speed
l Surface Mount Package Ideally Suited for Automatic Insertion
l For General Purpose Switching Applications
l High Conductance
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: See Diagram
l Marking: KA3
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Volt.
VRM
100
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
75
V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current(Note1)
IFM
500
mA
Average Rectified Output Current
Io
250
mA
Non-Repetitive Peak @ t<=1.0s
IFSM
2
A
Forward Surge Current @ t=1.0us
4
A
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance(Note 1)
R
357
K/W
Operation/Storage Temp. Range
Tj, TSTG
-55 to +150
o
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
0.62
0.72
IF=5.0mA
Maximum Forward
VFM
-----
0.855
V
IF=10mA
Voltage Drop
1
IF=100mA
1.25
IF=150mA
2.5
uA
VR=75V
Maximum Peak
IRM
-----
50
uA
VR=75V Tj=150
o
C
Reverse Current
30
uA
VR=25V Tj=150
o
C
25
nA
VR=20V
Junction Capacitance
Cj
-----
4
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-----
4
ns
Note: 1. Valid provided that terminals are kept at ambient temperature
MMBD4448
Surface Mount
Schottky Barrier
Switching Diode
350mW
www.mccsemi.com
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
2. Trr Test Condition: IF=IR=10mA, Irr=0.1*IR, R=100 OHM
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
High Conductance Fast Diode
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. H-2
More results

Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX Datasheet
303Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
Surface mount schottky barrier switching diode 350mW
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX_11 Datasheet
176Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
MMBD4448 MCC-MMBD4448_11 Datasheet
187Kb / 4P
Surface Mount Switching Diode 350mW
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_14 Datasheet
204Kb / 5P
Surface Mount, Switching Schottky Barrier Diode
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
Surface Mount, Switching Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448_13 Datasheet
246Kb / 4P
Switching Diode 350mW Surface Mount
BAS40WX MCC-BAS40WX_13 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com