Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G09G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC1G09G-AL5-R
Description  2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G09G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC1G09G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G09G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G09G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G09G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G09G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC1G09
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-658.C
SWITCHING CHARACTERISTICS (Input: tR, tF≤3ns; PRR≤1MHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from input
(A or B)to output(Y)
tPZL
VCC =3.3±0.3 V
CL=15 pF
3.6
7.0
ns
CL=50 pF
6.5
11.0
tPLZ
CL=15 pF
3.6
7.0
CL=50 pF
6.5
11.0
tPZL
VCC =5±0.5 V
CL=15 pF
2.5
5.0
ns
CL=50 pF
4.6
7.5
tPLZ
CL=15 pF
2.5
5.0
CL=50 pF
4.6
7.5
OPERATING CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz, VCC=5V
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com