Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBT2907A
Description  PNP General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT2907A Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT2907A Datasheet HTML 1Page - Micro Commercial Components MMBT2907A Datasheet HTML 2Page - Micro Commercial Components MMBT2907A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT2907A
DC Current Gain vs Collector Current
hFE
IC (mA)
50
100
150
200
250
300
0.1
1
10
100
Base-Emitter ON Voltage vs
Collector Current
VBE(ON) - (V)
IC - (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10
100
Pulsed Base Saturation
Volatge vs Collector Current
Pulsed Collector Saturation
Voltage vs Collector Current
VBE(SAT) - (V)
VCE(SAT) - (V)
0
-0.5
-0.7
-0.9
-1.1
-1.3
-1.5
-1.0
-10
-100
-1000
-.02
-.05
-.1
-.5
-1.0
-10
-100
-1000
IC - (mA)
IC - (mA)
Collector Reverse Current vs
Reverse Bias Voltage
Input and Output Capacitances vs
Reverse Bias Voltage
ICES - (
µA)
VCE - (V)
Volts - (V)
pF
1.0
10
100
100
0
0
-10
-20
-30
-40
-50
-60
TA = 25
°C
0
4
8
12
16
20
-0.1
-1.0
-10
COBO
CIBO
TA = 25
°C
IC/IB = 10
IC/IB = 10
VCE = 10V
VCE = 5.0V
TA = 25
°C
TA = 100
°C
MCC
www.mccsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com