Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1505 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP1505
Description  15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP1505 Datasheet(HTML) 1 Page - Micro Commercial Components

  MP1505 Datasheet HTML 1Page - Micro Commercial Components MP1505 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP1505
THRU
MP1510
15 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MP-50
Features
•
Mounting Hole For #8 Screw
•
Plastic Case With Metal Bottom
•
Any Mounting Position
•
Surge Rating Of 300 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.118
1.130
28.40
28.70
B
.432
.442
10.97
11.23
C
.468
.558
11.89
14.17
D
.689
.728
17.50
18.50
E
.618
.657
15.70
16.70
G
.193
---
4.90
---
∅
H
.618
.657
15.70
16.70
J
.531
.571
13.50
14.50
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP1505
MP1505
50V
35V
50V
MP151
MP151
100V
70V
100V
MP152
MP152
200V
140V
200V
MP154
MP154
400V
280V
400V
MP156
MP156
600V
420V
600V
MP158
MP158
800V
560V
800V
MP1510
MP1510
1000v
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 7.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
500uA
TJ = 25
°C
TJ = 125
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
AC
+
-
A
AC
G
H
A
D
J
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MP1505

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP1505 RECTRON-MP1505 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
MP1505 RECTRON-MP1505 Datasheet
39Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Goodwork Semiconductor ...
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP1505 MCC-MP1505 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results

Similar Description - MP1505

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB1505 MCC-MB1505 Datasheet
77Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1505W MCC-MB1505W Datasheet
149Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1505 MCC-MB1505_16 Datasheet
189Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1505W MCC-MB1505W_13 Datasheet
266Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1505 MCC-MP1505_13 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1505W MCC-MP1505W Datasheet
238Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com