Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC4046AL-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74HC4046AL-S16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U74HC4046AL-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 10Page - Unisonic Technologies U74HC4046AL-S16-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 19
www.unisonic.com.tw
QW-R502-461.C
DC CHARACTERISTICS (TA =25°C , unless otherwise specified)
Quiescent Supply Current
(Voltages are referenced to GND (ground = 0 V))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Quiescent Supply Current
(VCO Disabled)
ICC
VCC=6.0V
Pins 3, 5 and 14 at VCC;
Pin 9 at GND; IIN at pins
3 and 14 to be excluded
8.0
μA
Phase Comparator Section
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DC Coupled
(HIGH Level Input Voltage SIGIN,
COMPIN)
VIH
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
VCC=6.0V
4.2
3.2
DC Coupled
(LOW Level Input Voltage SIGIN,
COMPIN)
VIL
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
VCC=6.0V
2.8
1.8
HIGH Level Output Voltage
(PCPOUT, PCnOUT)
VOH
VI=VIH or VIL,
- IOUT = 20μA
VCC=2.0V
1.9
2.0
V
VCC=4.5V
4.4
4.5
VCC=6.0V
5.9
6.0
HIGH Level Output Voltage
(PCPOUT, PCnOUT)
VOH
VI=VIH or VIL,
VCC=4.5V, - IO = 4.0 mA 3.98
4.32
V
VCC=6.0V ,- IO = 5.2 mA 5.48
5.81
LOW Level Output Voltage
(PCPOUT, PCnOUT)
VOL
VI=VIH or VIL,
- IOUT = 20μA
VCC=2.0V
0
0.1
V
VCC=4.5V
0
0.1
VCC=6.0V
0
0.1
LOW Level Output Voltage
(PCPOUT, PCnOUT)
VOL
VI=VIH or VIL,
VCC=4.5V , IO = 4.0 mA
0.15
0.26
V
VCC=6.0V , IO = 5.2 mA
0.16
0.26
Input Leakage Current
(SIGIN, COMPIN )
±IIN
VI = VCC or
GND
VCC=2.0V
3.0
μA
VCC=3.0V
7.0
VCC=4.5V
18.0
VCC=6.0V
30.0
3-State (OFF-state current PC2OUT)
±IOZ
VOUT = VCC or GND, VI=VIH or VIL,
VCC=6.0V
0.5
μA
Input Resistance (SIGIN, COMPIN)
RIN
VCC=3.0V VIN at self-bias operating
point; ΔVI = 0.5V;
(Fig. 7)
800
kΩ
VCC=4.5V
250
kΩ
VCC=6.0V
150
kΩ
VCO Section
(Voltages are Referenced to GND (Ground = 0 V))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
HIGH Level Input Voltage INH
VIH
VCC=3.0V
2.1
1.7
V
VCC=4.5V
3.15
2.4
VCC=6.0V
4.2
3.2
LOW Level Input Voltage INH
VIL
VCC=3.0V
1.3
0.9
V
VCC=4.5V
2.1
1.35
VCC=6.0V
2.8
1.8
HIGH Level Output Voltage VCOOUT
VOH
VI=VIH or VIL,
- IOUT = 20μA
VCC=3.0V
2.9
3.0
V
VCC=4.5V
4.4
4.5
VCC=6.0V
5.9
6.0
HIGH Level Output Voltage VCOOUT
VOH
VI=VIH or VIL
VCC=4.5V, -IOUT = 4.0 mA 3.98
4.32
V
VCC=6.0V, -IOUT = 5.2 mA 5.48
5.81
LOW Level Output Voltage VCOOUT
VOL
VI=VIH or VIL,
IOUT = 20μA
VCC=3.0V
0
0.1
V
VCC=4.5V
0
0.1
VCC=6.0V
0
0.1
LOW Level Output Voltage VCOOUT
VOL
VI=VIH or VIL
VCC=4.5V, IOUT = 4.0 mA
0.15 0.26
V
VCC=6.0V, IOUT = 5.2 mA
0.16 0.26
LOW Level Output Voltage C1A, C1B
VOL
VI=VIH or VIL
VCC=4.5V, IOUT = 4.0 mA
0.4
V
VCC=6.0V, IOUT=5.2 mA
0.4
Input Leakage Current(INH, VCOIN)
±IIN
VCC=6.0V, VI=VCC or GND
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com